Part Number Hot Search : 
100C9103 4MTCX S304120 4MTCX TB1500H CS48DV2 UTR3310 CMZ5346B
Product Description
Full Text Search

A42MX02-3PL100 - Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SO -40 to 85 Proximity Sensor; Sensor Input Type:Inductive; Sensing Range Max:15mm; Sensor Output Type:NPN Transistor; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Sensing Face Diameter:18mm; Sensor Housing:Barrel Sensor Cable Assembly; Connector Type A:M12 Plug; Connector Type B:M12 Receptacle; Cable Length:5m; No. of Contacts:5; No. of Positions:5 RoHS Compliant: Yes Quad 2-input positive-NAND gates 14-SOIC 0 to 70 Quad 2-input positive-NAND gates 14-PDIP 0 to 70 Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset 14-SO -40 to 85 Hex Inverters 14-SSOP -40 to 85 ULTRA LOW CAPACITANCE TVS ARRAY FOR ESD/CDE PROTECTION / LEAD-FREE, AND WE XFRMR PWR 36.0VCT 3.6A QC .250 XFRMR PWR 36.0VCT 0.7A QC .187 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-PDIP -40 to 85 XFRMR PWR 28.0VCT 6.25A QC .250 Sensor Cable Assembly; Connector Type A:M12 Plug; Connector Type B:Stripped End Leads; Cable Length:2m; No. of Contacts:5; No. of Positions:5 RoHS Compliant: Yes Sensor Cable Assembly; Connector Type A:M12 Plug; Connector Type B:M12 Receptacle; Cable Length:5m; No. of Contacts:12; No. of Positions:12 RoHS Compliant: Yes XFRMR PWR 20.0VCT 6.5A QC .250 Octal Transparent D-Type Latches With 3-State Outputs 20-SO -40 to 85 Octal Transparent D-Type Latches With 3-State Outputs 20-PDIP -40 to 85 Octal Buffers and Line Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers And Line Drivers With 3-State Outputs 20-SOIC -40 to 85 LED Driver IC; Output Current Max:200mA; Supply Voltage Max:7V; Package/Case:10-MLP; Output Current:200mA; Output Voltage:4.75V; Leaded Process Compatible:Yes; Operating Temp. Max:85 C; Operating Temp. Min:-40 C Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85 Charge Pump Voltage Regulator IC; Output Current Max:200mA; Supply Voltage Max:7V; Package/Case:10-MLP; Output Current:200mA; Output Voltage:4.75V; Leaded Process Compatible:No; Operating Temp. Max:85 C; Operating Temp. Min:-40 C RoHS Compliant: No XFRMR PWR 10.0VCT 8.0A QC .187 Controller IC; Package/Case:16-MLP; Supply Voltage Max:14V; Leaded Process Compatible:Yes; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Output Voltage Max:6V; Packaging:Cut Tape; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset 14-SSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 RES 768K OHM METL FILM .40W 1% T GP1UX501QS Plastic, 5V, 38 kHz, fits ftprnt for IS1U60 Inductive Proximity Sensor; Sensor Input Type:Inductive; Sensing Range Max:20mm; Sensor Output:AC/DC; Switch Terminals:Cable; Load Current Max:400mA; Sensing Face Diameter:30mm; Sensor Connection:2 m Cable; Sensor Housing:Barrel RoHS Compliant: Yes TRANSF 600 OHM 0MA DC TEL Octal Bus Transceivers With 3-State Outputs 20-PDIP -40 to 85 TRANSF 600 OHM 0MA DC TEL TRANSF 4000 OHM PRI. 0MA DC TEL Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 Power Transformer; Series:VPS; Supply Voltage:115V; Output Voltage:20V; Power Rating:175VA; Mounting Type:Chassis RoHS Compliant: Yes Octal Buffers and Line Drivers With 3-State Outputs 20-SSOP -40 to 85 Sensor Cable Assembly; Connector Type A:M12 Plug; Connector Type B:Stripped End Leads; Cable Length:5m; No. of Contacts:5; No. of Positions:5 RoHS Compliant: Yes IC I2C PROG PENTA ULDO 20-MLP IC LI-ION BATT CHARGER 10-MLP Line Matching Transformer; Leaded Process Compatible:Yes; Insertion Loss:0.8dBA; Peak Reflow Compatible (260 C):Yes TRANSF 600 OHM 90MA DC TEL Line Matching Transformer; Current Rating:0A; Insertion Loss:1dB; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Size:0.89 x 0.812 x 0.715 in; Terminal Type:PCB Thru Hole RoHS Compliant: Yes TVS Diode Array IC; Stand-Off Voltage, VRWM:5V; Breakdown Voltage, Vbr:6V; Peak Pulse Power PPK @ 8x20uS:150W; Capacitance, Cd:0.3pF; Package/Case:SLP2510P8; Breakdown Voltage Min:6V; Clamping Voltage Max, Vc:15V XFRMR PWR 16.0VCT 11.0A QC .250 IC TVS BI-DIR 24V 350W SOD-323 Sensor Cable Assembly; Connector Type A:M12 Plug; Connector Type B:Stripped End Leads; Cable Length:5m; No. of Contacts:12; No. of Positions:12 RoHS Compliant: Yes Sensor Cable Assembly; Connector Type A:M12 Plug; Connector Type B:M12 Receptacle; Cable Length:2m; No. of Contacts:3; No. of Positions:4 RoHS Compliant: Yes XFRMR PWR 36.0VCT 4.8A QC .250 IC TVS ARRAY LOW CAP SOT23-6 XFRMR PWR 10.0VCT 17.5A QC .250 XFRMR PWR 10.0VCT 2.5A QC .187 9-Bit to 18-Bit HSTL-to-LVTTL Memory Address Latch With Input Pullup Resistors 48-TSSOP 0 to 70 Hex Inverters 14-SOIC -40 to 85 40MX2MX FPGA系列 40MX and 42MX FPGA Families 40MX2MX FPGA系列 9-Bit To 18-Bit HSTL-To-LVTTL Memory Address Latch 48-TSSOP -40 to 85 40MX2MX FPGA系列 XFRMR PWR 10.0VCT 4.3A QC .187 40MX2MX FPGA系列 Octal Transparent D-Type Latches With 3-State Outputs 20-SSOP -40 to 85 40MX42MX FPGA系列 Controller IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 40MX2MX FPGA系列 Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset 14-TSSOP -40 to 85 40MX42MX FPGA系列 Octal D-Type Flip-Flops With Clock Enable 20-PDIP -40 to 85 40MX42MX FPGA系列 Pulse Width Modulation (PWM) Controller IC; Topology:Buck (Step Down); Control Mode:Voltage; Number of PWM Outputs:1; Input Voltage Primary Min:-0.3V; Input Voltage Primary Max:7V; Duty Cycle Max:95% RoHS Compliant: No 40MX2MX FPGA系列 Octal Bus Transceivers And Registers With 3-State Outputs 24-SOIC -40 to 85 40MX2MX FPGA系列 Octal Bus Transceivers And Registers With 3-State Outputs 24-PDIP -40 to 85 40MX2MX FPGA系列 Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 40MX2MX FPGA系列 Audio Transformer; Power Rating:100mW; Mounting Type:PCB Surface; Current Rating:4mA; External Depth:0.594"; External Height:0.625"; External Width:0.813"; Frequency Response Max:15kHz; Frequency Response Min:200Hz 40MX2MX FPGA系列 Power Transformer; Series:VPS; Supply Voltage:115V; Output Voltage:20V; Power Rating:80VA; Mounting Type:Chassis RoHS Compliant: Yes 40MX2MX FPGA系列 IC CHARGE PUMP FLASH LED 10-MLP 40MX2MX FPGA系列 Octal Transparent D-Type Latches With 3-State Outputs 20-SOIC -40 to 85 40MX2MX FPGA系列 Hex Inverters 14-TSSOP -40 to 85 40MX2MX FPGA系列 Octal D-Type Flip-Flops With Clock Enable 20-SOIC -40 to 85 40MX2MX FPGA系列 Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP -40 to 85 40MX2MX FPGA系列 40MX and 42MX FPGA Families 40MX42MX FPGA系列 Octal Bus Transceivers With 3-State Outputs 20-TSSOP -40 to 85 40MX42MX FPGA系列 Octal Buffers and Line Drivers With 3-State Outputs 20-TSSOP -40 to 85 40MX42MX FPGA系列 Octal Bus Transceivers With 3-State Outputs 20-SO -40 to 85 40MX2MX FPGA系列 XFRMR PWR 230.0VCT 0.57A QC .250 40MX2MX FPGA系列 Quad 2-input positive-NAND gates 14-SSOP 0 to 70 40MX2MX FPGA系列 Quad 2-input positive-NAND gates 14-SO 0 to 70 40MX2MX FPGA系列 Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset 14-SOIC -40 to 85 40MX2MX FPGA系列 Octal Bus Transceivers With 3-State Outputs 20-SOIC -40 to 85 40MX2MX FPGA系列 Proximity Sensor; Sensor Input Type:Inductive; Sensing Range Max:30mm; Sensor Output Type:NPN Transistor; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Sensing Face Diameter:30mm; Sensor Housing:Barrel 40MX2MX FPGA系列 Controller IC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 40MX2MX FPGA系列 Octal Transparent D-Type Latches With 3-State Outputs 20-TSSOP -40 to 85 40MX42MX FPGA系列 Hex Inverters 14-SO -40 to 85 40MX2MX FPGA系列 TRANSF 600 SPLIT SEC .90MA TEL 40MX2MX FPGA系列 GP1UX500QS 40MX42MX FPGA系列 Power Transformer; Series:VPS; Supply Voltage:115V; Output Voltage:222V; Power Rating:80VA; Mounting Type:Chassis; External Depth:2.313"; External Height:3.000"; External Width:2.500"; Leaded Process Compatible:Yes

A42MX02-3PL100_4876805.PDF Datasheet

 
Part No. A42MX02-3PL100 A42MX02-3PL100A A42MX02-3PL100B A42MX02-3PL100ES A42MX02-3PL100I A42MX02-3PL100M A42MX16-FPQ100 A42MX16-FPQ100A A42MX16-FPQ100B A42MX16-FPQ100ES A42MX16-FPQ100I A42MX16-FPQ100M A42MX16-3PL100 A42MX16-3PL100A A42MX16-3PL100B A42MX16-3PL100ES A42MX16-3PL100I A42MX16-3PL100M A42MX16-3PQ100 A42MX16-3PQ100A A42MX16-3PQ100B A42MX02-FCQ100 A42MX04-FCQ100 A42MX09-FCQ100 A42MX16-FCQ100 A42MX24-FCQ100 A42MX36-FCQ100 A42MX02-FCQ100A A42MX04-FCQ100A A42MX09-FCQ100A A42MX16-FCQ100A
Description Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SO -40 to 85
Proximity Sensor; Sensor Input Type:Inductive; Sensing Range Max:15mm; Sensor Output Type:NPN Transistor; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Sensing Face Diameter:18mm; Sensor Housing:Barrel
Sensor Cable Assembly; Connector Type A:M12 Plug; Connector Type B:M12 Receptacle; Cable Length:5m; No. of Contacts:5; No. of Positions:5 RoHS Compliant: Yes
Quad 2-input positive-NAND gates 14-SOIC 0 to 70
Quad 2-input positive-NAND gates 14-PDIP 0 to 70
Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset 14-SO -40 to 85
Hex Inverters 14-SSOP -40 to 85
ULTRA LOW CAPACITANCE TVS ARRAY FOR ESD/CDE PROTECTION / LEAD-FREE, AND WE
XFRMR PWR 36.0VCT 3.6A QC .250
XFRMR PWR 36.0VCT 0.7A QC .187
Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-PDIP -40 to 85
XFRMR PWR 28.0VCT 6.25A QC .250
Sensor Cable Assembly; Connector Type A:M12 Plug; Connector Type B:Stripped End Leads; Cable Length:2m; No. of Contacts:5; No. of Positions:5 RoHS Compliant: Yes
Sensor Cable Assembly; Connector Type A:M12 Plug; Connector Type B:M12 Receptacle; Cable Length:5m; No. of Contacts:12; No. of Positions:12 RoHS Compliant: Yes
XFRMR PWR 20.0VCT 6.5A QC .250
Octal Transparent D-Type Latches With 3-State Outputs 20-SO -40 to 85
Octal Transparent D-Type Latches With 3-State Outputs 20-PDIP -40 to 85
Octal Buffers and Line Drivers With 3-State Outputs 20-SO -40 to 85
Octal Buffers And Line Drivers With 3-State Outputs 20-SOIC -40 to 85
LED Driver IC; Output Current Max:200mA; Supply Voltage Max:7V; Package/Case:10-MLP; Output Current:200mA; Output Voltage:4.75V; Leaded Process Compatible:Yes; Operating Temp. Max:85 C; Operating Temp. Min:-40 C
Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85
Charge Pump Voltage Regulator IC; Output Current Max:200mA; Supply Voltage Max:7V; Package/Case:10-MLP; Output Current:200mA; Output Voltage:4.75V; Leaded Process Compatible:No; Operating Temp. Max:85 C; Operating Temp. Min:-40 C RoHS Compliant: No
XFRMR PWR 10.0VCT 8.0A QC .187
Controller IC; Package/Case:16-MLP; Supply Voltage Max:14V; Leaded Process Compatible:Yes; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Output Voltage Max:6V; Packaging:Cut Tape; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset 14-SSOP -40 to 85
Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85
RES 768K OHM METL FILM .40W 1% T
GP1UX501QS
Plastic, 5V, 38 kHz, fits ftprnt for IS1U60
Inductive Proximity Sensor; Sensor Input Type:Inductive; Sensing Range Max:20mm; Sensor Output:AC/DC; Switch Terminals:Cable; Load Current Max:400mA; Sensing Face Diameter:30mm; Sensor Connection:2 m Cable; Sensor Housing:Barrel RoHS Compliant: Yes
TRANSF 600 OHM 0MA DC TEL
Octal Bus Transceivers With 3-State Outputs 20-PDIP -40 to 85
TRANSF 600 OHM 0MA DC TEL
TRANSF 4000 OHM PRI. 0MA DC TEL
Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85
Power Transformer; Series:VPS; Supply Voltage:115V; Output Voltage:20V; Power Rating:175VA; Mounting Type:Chassis RoHS Compliant: Yes
Octal Buffers and Line Drivers With 3-State Outputs 20-SSOP -40 to 85
Sensor Cable Assembly; Connector Type A:M12 Plug; Connector Type B:Stripped End Leads; Cable Length:5m; No. of Contacts:5; No. of Positions:5 RoHS Compliant: Yes
IC I2C PROG PENTA ULDO 20-MLP
IC LI-ION BATT CHARGER 10-MLP
Line Matching Transformer; Leaded Process Compatible:Yes; Insertion Loss:0.8dBA; Peak Reflow Compatible (260 C):Yes
TRANSF 600 OHM 90MA DC TEL
Line Matching Transformer; Current Rating:0A; Insertion Loss:1dB; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Size:0.89 x 0.812 x 0.715 in; Terminal Type:PCB Thru Hole RoHS Compliant: Yes
TVS Diode Array IC; Stand-Off Voltage, VRWM:5V; Breakdown Voltage, Vbr:6V; Peak Pulse Power PPK @ 8x20uS:150W; Capacitance, Cd:0.3pF; Package/Case:SLP2510P8; Breakdown Voltage Min:6V; Clamping Voltage Max, Vc:15V
XFRMR PWR 16.0VCT 11.0A QC .250
IC TVS BI-DIR 24V 350W SOD-323
Sensor Cable Assembly; Connector Type A:M12 Plug; Connector Type B:Stripped End Leads; Cable Length:5m; No. of Contacts:12; No. of Positions:12 RoHS Compliant: Yes
Sensor Cable Assembly; Connector Type A:M12 Plug; Connector Type B:M12 Receptacle; Cable Length:2m; No. of Contacts:3; No. of Positions:4 RoHS Compliant: Yes
XFRMR PWR 36.0VCT 4.8A QC .250
IC TVS ARRAY LOW CAP SOT23-6
XFRMR PWR 10.0VCT 17.5A QC .250
XFRMR PWR 10.0VCT 2.5A QC .187
9-Bit to 18-Bit HSTL-to-LVTTL Memory Address Latch With Input Pullup Resistors 48-TSSOP 0 to 70
Hex Inverters 14-SOIC -40 to 85 40MX2MX FPGA系列
40MX and 42MX FPGA Families 40MX2MX FPGA系列
9-Bit To 18-Bit HSTL-To-LVTTL Memory Address Latch 48-TSSOP -40 to 85 40MX2MX FPGA系列
XFRMR PWR 10.0VCT 4.3A QC .187 40MX2MX FPGA系列
Octal Transparent D-Type Latches With 3-State Outputs 20-SSOP -40 to 85 40MX42MX FPGA系列
Controller IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 40MX2MX FPGA系列
Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset 14-TSSOP -40 to 85 40MX42MX FPGA系列
Octal D-Type Flip-Flops With Clock Enable 20-PDIP -40 to 85 40MX42MX FPGA系列
Pulse Width Modulation (PWM) Controller IC; Topology:Buck (Step Down); Control Mode:Voltage; Number of PWM Outputs:1; Input Voltage Primary Min:-0.3V; Input Voltage Primary Max:7V; Duty Cycle Max:95% RoHS Compliant: No 40MX2MX FPGA系列
Octal Bus Transceivers And Registers With 3-State Outputs 24-SOIC -40 to 85 40MX2MX FPGA系列
Octal Bus Transceivers And Registers With 3-State Outputs 24-PDIP -40 to 85 40MX2MX FPGA系列
Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 40MX2MX FPGA系列
Audio Transformer; Power Rating:100mW; Mounting Type:PCB Surface; Current Rating:4mA; External Depth:0.594"; External Height:0.625"; External Width:0.813"; Frequency Response Max:15kHz; Frequency Response Min:200Hz 40MX2MX FPGA系列
Power Transformer; Series:VPS; Supply Voltage:115V; Output Voltage:20V; Power Rating:80VA; Mounting Type:Chassis RoHS Compliant: Yes 40MX2MX FPGA系列
IC CHARGE PUMP FLASH LED 10-MLP 40MX2MX FPGA系列
Octal Transparent D-Type Latches With 3-State Outputs 20-SOIC -40 to 85 40MX2MX FPGA系列
Hex Inverters 14-TSSOP -40 to 85 40MX2MX FPGA系列
Octal D-Type Flip-Flops With Clock Enable 20-SOIC -40 to 85 40MX2MX FPGA系列
Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP -40 to 85 40MX2MX FPGA系列
40MX and 42MX FPGA Families 40MX42MX FPGA系列
Octal Bus Transceivers With 3-State Outputs 20-TSSOP -40 to 85 40MX42MX FPGA系列
Octal Buffers and Line Drivers With 3-State Outputs 20-TSSOP -40 to 85 40MX42MX FPGA系列
Octal Bus Transceivers With 3-State Outputs 20-SO -40 to 85 40MX2MX FPGA系列
XFRMR PWR 230.0VCT 0.57A QC .250 40MX2MX FPGA系列
Quad 2-input positive-NAND gates 14-SSOP 0 to 70 40MX2MX FPGA系列
Quad 2-input positive-NAND gates 14-SO 0 to 70 40MX2MX FPGA系列
Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset 14-SOIC -40 to 85 40MX2MX FPGA系列
Octal Bus Transceivers With 3-State Outputs 20-SOIC -40 to 85 40MX2MX FPGA系列
Proximity Sensor; Sensor Input Type:Inductive; Sensing Range Max:30mm; Sensor Output Type:NPN Transistor; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Sensing Face Diameter:30mm; Sensor Housing:Barrel 40MX2MX FPGA系列
Controller IC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 40MX2MX FPGA系列
Octal Transparent D-Type Latches With 3-State Outputs 20-TSSOP -40 to 85 40MX42MX FPGA系列
Hex Inverters 14-SO -40 to 85 40MX2MX FPGA系列
TRANSF 600 SPLIT SEC .90MA TEL 40MX2MX FPGA系列
GP1UX500QS 40MX42MX FPGA系列
Power Transformer; Series:VPS; Supply Voltage:115V; Output Voltage:222V; Power Rating:80VA; Mounting Type:Chassis; External Depth:2.313"; External Height:3.000"; External Width:2.500"; Leaded Process Compatible:Yes

File Size 815.04K  /  123 Page  

Maker


List of Unclassifed Manufacturers
Electronic Theatre Controls, Inc.
List of Unclassifed Man...



Homepage
Download [ ]
[ A42MX02-3PL100 A42MX02-3PL100A A42MX02-3PL100B A42MX02-3PL100ES A42MX02-3PL100I A42MX02-3PL100M A42M Datasheet PDF Downlaod from Datasheet.HK ]
[A42MX02-3PL100 A42MX02-3PL100A A42MX02-3PL100B A42MX02-3PL100ES A42MX02-3PL100I A42MX02-3PL100M A42M Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for A42MX02-3PL100 ]

[ Price & Availability of A42MX02-3PL100 by FindChips.com ]

 Full text search : Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SO -40 to 85 Proximity Sensor; Sensor Input Type:Inductive; Sensing Range Max:15mm; Sensor Output Type:NPN Transistor; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Sensing Face Diameter:18mm; Sensor Housing:Barrel Sensor Cable Assembly; Connector Type A:M12 Plug; Connector Type B:M12 Receptacle; Cable Length:5m; No. of Contacts:5; No. of Positions:5 RoHS Compliant: Yes Quad 2-input positive-NAND gates 14-SOIC 0 to 70 Quad 2-input positive-NAND gates 14-PDIP 0 to 70 Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset 14-SO -40 to 85 Hex Inverters 14-SSOP -40 to 85 ULTRA LOW CAPACITANCE TVS ARRAY FOR ESD/CDE PROTECTION / LEAD-FREE, AND WE XFRMR PWR 36.0VCT 3.6A QC .250 XFRMR PWR 36.0VCT 0.7A QC .187 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-PDIP -40 to 85 XFRMR PWR 28.0VCT 6.25A QC .250 Sensor Cable Assembly; Connector Type A:M12 Plug; Connector Type B:Stripped End Leads; Cable Length:2m; No. of Contacts:5; No. of Positions:5 RoHS Compliant: Yes Sensor Cable Assembly; Connector Type A:M12 Plug; Connector Type B:M12 Receptacle; Cable Length:5m; No. of Contacts:12; No. of Positions:12 RoHS Compliant: Yes XFRMR PWR 20.0VCT 6.5A QC .250 Octal Transparent D-Type Latches With 3-State Outputs 20-SO -40 to 85 Octal Transparent D-Type Latches With 3-State Outputs 20-PDIP -40 to 85 Octal Buffers and Line Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers And Line Drivers With 3-State Outputs 20-SOIC -40 to 85 LED Driver IC; Output Current Max:200mA; Supply Voltage Max:7V; Package/Case:10-MLP; Output Current:200mA; Output Voltage:4.75V; Leaded Process Compatible:Yes; Operating Temp. Max:85 C; Operating Temp. Min:-40 C Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85 Charge Pump Voltage Regulator IC; Output Current Max:200mA; Supply Voltage Max:7V; Package/Case:10-MLP; Output Current:200mA; Output Voltage:4.75V; Leaded Process Compatible:No; Operating Temp. Max:85 C; Operating Temp. Min:-40 C RoHS Compliant: No XFRMR PWR 10.0VCT 8.0A QC .187 Controller IC; Package/Case:16-MLP; Supply Voltage Max:14V; Leaded Process Compatible:Yes; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Output Voltage Max:6V; Packaging:Cut Tape; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset 14-SSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 RES 768K OHM METL FILM .40W 1% T GP1UX501QS Plastic, 5V, 38 kHz, fits ftprnt for IS1U60 Inductive Proximity Sensor; Sensor Input Type:Inductive; Sensing Range Max:20mm; Sensor Output:AC/DC; Switch Terminals:Cable; Load Current Max:400mA; Sensing Face Diameter:30mm; Sensor Connection:2 m Cable; Sensor Housing:Barrel RoHS Compliant: Yes TRANSF 600 OHM 0MA DC TEL Octal Bus Transceivers With 3-State Outputs 20-PDIP -40 to 85 TRANSF 600 OHM 0MA DC TEL TRANSF 4000 OHM PRI. 0MA DC TEL Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 Power Transformer; Series:VPS; Supply Voltage:115V; Output Voltage:20V; Power Rating:175VA; Mounting Type:Chassis RoHS Compliant: Yes Octal Buffers and Line Drivers With 3-State Outputs 20-SSOP -40 to 85 Sensor Cable Assembly; Connector Type A:M12 Plug; Connector Type B:Stripped End Leads; Cable Length:5m; No. of Contacts:5; No. of Positions:5 RoHS Compliant: Yes IC I2C PROG PENTA ULDO 20-MLP IC LI-ION BATT CHARGER 10-MLP Line Matching Transformer; Leaded Process Compatible:Yes; Insertion Loss:0.8dBA; Peak Reflow Compatible (260 C):Yes TRANSF 600 OHM 90MA DC TEL Line Matching Transformer; Current Rating:0A; Insertion Loss:1dB; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Size:0.89 x 0.812 x 0.715 in; Terminal Type:PCB Thru Hole RoHS Compliant: Yes TVS Diode Array IC; Stand-Off Voltage, VRWM:5V; Breakdown Voltage, Vbr:6V; Peak Pulse Power PPK @ 8x20uS:150W; Capacitance, Cd:0.3pF; Package/Case:SLP2510P8; Breakdown Voltage Min:6V; Clamping Voltage Max, Vc:15V XFRMR PWR 16.0VCT 11.0A QC .250 IC TVS BI-DIR 24V 350W SOD-323 Sensor Cable Assembly; Connector Type A:M12 Plug; Connector Type B:Stripped End Leads; Cable Length:5m; No. of Contacts:12; No. of Positions:12 RoHS Compliant: Yes Sensor Cable Assembly; Connector Type A:M12 Plug; Connector Type B:M12 Receptacle; Cable Length:2m; No. of Contacts:3; No. of Positions:4 RoHS Compliant: Yes XFRMR PWR 36.0VCT 4.8A QC .250 IC TVS ARRAY LOW CAP SOT23-6 XFRMR PWR 10.0VCT 17.5A QC .250 XFRMR PWR 10.0VCT 2.5A QC .187 9-Bit to 18-Bit HSTL-to-LVTTL Memory Address Latch With Input Pullup Resistors 48-TSSOP 0 to 70 Hex Inverters 14-SOIC -40 to 85 40MX2MX FPGA系列 40MX and 42MX FPGA Families 40MX2MX FPGA系列 9-Bit To 18-Bit HSTL-To-LVTTL Memory Address Latch 48-TSSOP -40 to 85 40MX2MX FPGA系列 XFRMR PWR 10.0VCT 4.3A QC .187 40MX2MX FPGA系列 Octal Transparent D-Type Latches With 3-State Outputs 20-SSOP -40 to 85 40MX42MX FPGA系列 Controller IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 40MX2MX FPGA系列 Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset 14-TSSOP -40 to 85 40MX42MX FPGA系列 Octal D-Type Flip-Flops With Clock Enable 20-PDIP -40 to 85 40MX42MX FPGA系列 Pulse Width Modulation (PWM) Controller IC; Topology:Buck (Step Down); Control Mode:Voltage; Number of PWM Outputs:1; Input Voltage Primary Min:-0.3V; Input Voltage Primary Max:7V; Duty Cycle Max:95% RoHS Compliant: No 40MX2MX FPGA系列 Octal Bus Transceivers And Registers With 3-State Outputs 24-SOIC -40 to 85 40MX2MX FPGA系列 Octal Bus Transceivers And Registers With 3-State Outputs 24-PDIP -40 to 85 40MX2MX FPGA系列 Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 40MX2MX FPGA系列 Audio Transformer; Power Rating:100mW; Mounting Type:PCB Surface; Current Rating:4mA; External Depth:0.594"; External Height:0.625"; External Width:0.813"; Frequency Response Max:15kHz; Frequency Response Min:200Hz 40MX2MX FPGA系列 Power Transformer; Series:VPS; Supply Voltage:115V; Output Voltage:20V; Power Rating:80VA; Mounting Type:Chassis RoHS Compliant: Yes 40MX2MX FPGA系列 IC CHARGE PUMP FLASH LED 10-MLP 40MX2MX FPGA系列 Octal Transparent D-Type Latches With 3-State Outputs 20-SOIC -40 to 85 40MX2MX FPGA系列 Hex Inverters 14-TSSOP -40 to 85 40MX2MX FPGA系列 Octal D-Type Flip-Flops With Clock Enable 20-SOIC -40 to 85 40MX2MX FPGA系列 Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP -40 to 85 40MX2MX FPGA系列 40MX and 42MX FPGA Families 40MX42MX FPGA系列 Octal Bus Transceivers With 3-State Outputs 20-TSSOP -40 to 85 40MX42MX FPGA系列 Octal Buffers and Line Drivers With 3-State Outputs 20-TSSOP -40 to 85 40MX42MX FPGA系列 Octal Bus Transceivers With 3-State Outputs 20-SO -40 to 85 40MX2MX FPGA系列 XFRMR PWR 230.0VCT 0.57A QC .250 40MX2MX FPGA系列 Quad 2-input positive-NAND gates 14-SSOP 0 to 70 40MX2MX FPGA系列 Quad 2-input positive-NAND gates 14-SO 0 to 70 40MX2MX FPGA系列 Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset 14-SOIC -40 to 85 40MX2MX FPGA系列 Octal Bus Transceivers With 3-State Outputs 20-SOIC -40 to 85 40MX2MX FPGA系列 Proximity Sensor; Sensor Input Type:Inductive; Sensing Range Max:30mm; Sensor Output Type:NPN Transistor; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Sensing Face Diameter:30mm; Sensor Housing:Barrel 40MX2MX FPGA系列 Controller IC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 40MX2MX FPGA系列 Octal Transparent D-Type Latches With 3-State Outputs 20-TSSOP -40 to 85 40MX42MX FPGA系列 Hex Inverters 14-SO -40 to 85 40MX2MX FPGA系列 TRANSF 600 SPLIT SEC .90MA TEL 40MX2MX FPGA系列 GP1UX500QS 40MX42MX FPGA系列 Power Transformer; Series:VPS; Supply Voltage:115V; Output Voltage:222V; Power Rating:80VA; Mounting Type:Chassis; External Depth:2.313"; External Height:3.000"; External Width:2.500"; Leaded Process Compatible:Yes


 Related Part Number
PART Description Maker
DM74ALS564A DM74ALS564AWM DM74ALS564AN Octal D-Type Edge Triggered Flip-Flop with 3-STATE Outputs
Octal D-Type Edge-Triggered Flip-Flop with
From old datasheet system
FAIRCHILD[Fairchild Semiconductor]
DM74ALS374 DM74ALS374N DM74ALS374SJ DM74ALS374WM D Octal 3-STATE D-Type-Edge-Triggered Flip-Flops
From old datasheet system
9-Bit Bus-Interface Flip-Flop With 3-State Outputs 24-SOIC -40 to 85
Octal 3-STATE D-Type Edge-Triggered Flip-Flop ALS SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20
FAIRCHILD[Fairchild Semiconductor]
Fairchild Semiconductor Corporation
Fairchild Semiconductor, Corp.
IDT74LVC574A 74LVC574A_DS_31950 IDT74LVC574ASO IDT 3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
From old datasheet system
3.3V CMOS Octal Edge-Triggered D-Type Flip-Flop with 3-State Outputs, 5.0V Tolerant I/O
3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5V TOLERANT I/O
Integrated Device Techn...
IDT[Integrated Device Technology]
28F256 M28F256-90C1TR M28F256-90C3TR M28F256-90C6T Octal D-Type Transparent Latches With 3-State Outputs 20-SOIC 0 to 70 256K2K的8,芯片擦除)闪存
Octal D-Type Transparent Latches With 3-State Outputs 20-PDIP 0 to 70 256K32K的8,芯片擦除)闪存
256K(32K x8, Chip Erase)FLASH MEMORY 256K2K的8,芯片擦除)闪存
KAPTON STRAP F/GLASS TUBE PKG/5
Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC 0 to 70
Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SO 0 to 70
Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-PDIP 0 to 70
256K(32K x8 / Chip Erase)FLASH MEMORY
512 Kbit (64Kb x8 Bulk Erase)Flasxh Memory
STMicroelectronics N.V.
意法半导
STMICROELECTRONICS[STMicroelectronics]
ST Microelectronics
LT1256 LT1251 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SO 0 to 70
Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SOIC 0 to 70
Linear Technology Corporation
HD74LS273FPEL HD74LS273 HD74LS273P HD74LS273RPEL Octal D-type Positive-edge-triggered Flip-Flops (with Clear)
Renesas Electronics Corporation
HD74LV374A Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
HITACHI[Hitachi Semiconductor]
74LS273 M74LS273P 74273 OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP FLOP WITH RESET
Mitsubishi Electric Corporation
MITSUBISHI[Mitsubishi Electric Semiconductor]
IDT74ALVCH374PG IDT74ALVCH374PY IDT74ALVCH374 IDT7 3.3V CMOS OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT[Integrated Device Technology]
HCTS574MS FN2359 HCTS574D HCTS574DMSR HCTS574HMSR From old datasheet system
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
INTERSIL[Intersil Corporation]
M5M4V64S30ATP-8L M5M4V64S30ATP-8A Octal D-Type Edge-Triggered Flip-Flops with 3-State Outputs 20-SOIC -40 to 85 64M号(4银行097152字8位)同步DRAM
Mitsubishi Electric Corporation
Mitsubishi Electric, Corp.
 
 Related keyword From Full Text Search System
A42MX02-3PL100 Interface A42MX02-3PL100 serial A42MX02-3PL100 state diagram A42MX02-3PL100 programmable A42MX02-3PL100 epitaxial
A42MX02-3PL100 processor A42MX02-3PL100 amplifier A42MX02-3PL100 Integrate A42MX02-3PL100 Purpose A42MX02-3PL100 Iconline
 

 

Price & Availability of A42MX02-3PL100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.69955706596375